3-11 dialight corporation 1501 route 34 south farmingdale, nj 07727 tel: (732) 919-3119 fax: (732) 751-5778 www.dialight.co m 3 2 m m l e d c b i ? c i r c u i t b o a r d i n d i c a t o r ( d i n 4 1 4 9 4 c o m p a t i b l e ) , t r i - l e v e l 5 7 0 - 0 1 0 0 - x x x 5.08 [.200] 12.85 [.506] 3.30 [.130] 3.30 [.130] 10.16 [.400] 1.78 [.070] 1.52 [.060] 1.80 [.071] 2.54 [.100] 2.54 [.100] 2.54 [.100] 6.84 [.269] 2.54 [.100] 2.54 [.100] recommended p.c. board layout .41 [.016] sq . anode 3.20 [.126] ? 0.965 .05 [.038 .002] top led 0.46 [.018] .4 [.017] ref p a r t n o . c o l o r * 570-0100-111 red?red?red 570-0100-132 red?yellow?green 570-0100-222 green?green?green 570-0100-333 yellow?yellow?yellow * top-middle-bottom led f e a t u r e s designed to accommodate din 41494 multiple cbis form horizontal led arrays on 5.08mm (0.200?) center-lines high contrast, ul 94 v-0 rated, black housing oxygen index: 29% polymer content: pbt, 0.595 g housing stand-offs facilitate pcb cleaning solderability per mil-std-202f, method 208f leds are safe for direct viewing per iec 825-1, en- 60825-1 t o l e r a n c e n o t e : a s n o t e d , o t h e r w i s e : led protrusion: 0.04 mm [0.016] cbi housing: 0.02mm[0.008] dimensions in mm [inches] 5 7 0 - 0 1 0 0 - x x x top led color bottom led color middle led color series e x a m p l e o f p a r t n u m b e r o r d e r i n g c o d e led colors: 0) blank 1) red 2) green 3) yellow p e a k i v * v f * * v i e w i n g l e d p a r t n u m b e r c o l o r w a v e l e n g t h n m m c d v o l t s a n g l e 2 1 / 2 d a t a s h e e t p a g e # red 635 12.6 2 38 521-9630 3-13 570-0100-xxx green 565 8.7 2.1 38 521-9632 3-13 yellow 585 12.6 2.1 38 521-9631 3-13 c u s t o m c o m b i n a t i o n s contact factory for information on custom color combinations. * i f = 10 ma **i f = 20 ma t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s (t a = 25c) s e e l e d d a t a s h e e t f o r a d d i t i o n a l i n f o r m a t i o n g e n e r a l p u r p o s e s e e p a g e 3 - 1 7 a n d 3 - 1 8 f o r r e f e r e n c e o n l y l e d d r i v e c i r c u i t e x a m p l e s s e e p a g e 3 - 1 9 f o r p i n o u t
3-13 dialight corporation 1501 route 34 south farmingdale, nj 07727 tel: (732) 919-3119 fax: (732) 751-5778 www.dialight.co m 3 2 m m d i s c r e t e l e d d i f f u s e d 5 2 1 - 9 6 3 0 , - 9 6 3 1 , - 9 6 3 2 1.50 [.059] max 2.40 [.095] cathode i.d. 3.30 [.13] r 1.65 [.065] 1.80 [.071] 2.90 [.114] 1.52 [.060] 3.30 [.130] cathode 2.54 [.10] nom 1.00 [.04] min .45 [.018] typ .40 [.016] typ 25.40 [1.00] min p a r t n o . c o l o r 521-9630 red 521-9631 yellow 521-9632 green red yellow green absolute maximum ratings (t a =25c) - 9 6 3 0 - 9 6 3 1 - 9 6 3 2 power dissipation (mw) 100 60 100 forward current (ma) 30 20 30 derating (ma/c) from 25c .4 .25 .4 peak current (ma) 120 80 120 pulse width = 10s operating temperature (c) -55/+100 -55/+100 -55/+100 storage temperature (c) -55/+100 -55/+100 -55/+100 soldering temperature 260c, 5 seconds, 1.6 mm from case red yellow green operating characteristics (t a =25c) - 9 6 3 0 - 9 6 3 1 - 9 6 3 2 luminous intensity (mcd) min. 3.7 3.7 2.5 i f =10ma typical 12.6 12.6 8.7 peak wavelength (nm) typical 635 585 565 peak viewing angle ( 2 1 / 2 ) typical 38 38 38 forward voltage (v) typical 2 2.1 2.1 i f =20ma max. 2.8 2.8 2.8 reverse voltage (v), i r =100a min. 5 5 5 dimensions in mm [inches] 1 ? 2 is the off axis angle at which the luminous intensity is half the axial luminous intensity
|